PART |
Description |
Maker |
GM71C17800C GM71C17800C-5 GM71C17800C-7 GM71C17800 |
x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 60 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 70 ns, PDSO28 2Mx8|5V|2K|5/6|FP/EDO DRAM - 16M IC LOGIC 1G125 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS -40 85C SOT-23-5 3000/REEL 2/097/152 WORDS x 8 BIT CMOS DYNAMIC RAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
MB81V4100C-60 MB81V4100C-70 |
CMOS 4 M ×1 BIT
Fast Page Mode DRAM(CMOS 4 M ×1 位快速页面存取模式动态RAM)
|
Fujitsu Limited
|
MB81V17800A-60L |
CMOS 2 M ×8 BIT Fast Page Mode DRAM(CMOS 2 M ×8 位快速页面存取模式动态RAM) 的CMOS 2米8位快速页面模式的DRAM的CMOS2米8位快速页面存取模式动态内存)
|
Fujitsu, Ltd.
|
MB814260-70 MB814260-60 |
CMOS 256K ×16 BIT
FAST PAGE MODE DYNAMIC RAM(CMOS 256K ×16 位快速页面存取模式动态RAM) CMOS 256K ×16 BIT FAST PAGE MODE DYNAMIC RAM(CMOS 256K ×16 位快速页面存取模式动态RAM) 的CMOS 256K × 16位快速页面模式的动态随机存储器(的CMOS 256K × 16位快速页面存取模式动态内存) CMOS 256K ?16 BIT FAST PAGE MODE DYNAMIC RAM(CMOS 256K ?16 浣?揩??〉?㈠???ā寮????AM)
|
Fujitsu Limited Fujitsu, Ltd.
|
PI74FCT162Q245CT PI74FCT162Q245T PI74FCT162Q245AT |
Fast,low noise CMOS 16-bit bidirectional transceiver Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation]
|
NX29F010-45TI NX29F010-35T NX29F010-35W NX29F010-4 |
1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
|
List of Unclassifed Manufacturers
|
UPD444004LLE-A8 UPD444004LLE-A12 UPD444004L UPD444 |
4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
|
NEC Corp.
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
AD578L AD578LD AD578LN AD578JD AD578JN AD579KN AD5 |
VERY FAST, COMPLETE 10- OR 12-BIT A/D CONVERTERS 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Enhanced, 1.8V, PCI-Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable VERY FAST/ COMPLETE 10- OR 12-BIT A/D CONVERTERS Very Fast,Complete 10-or 12-Bit A/D Converters(完备2位A/D转换 速度非常快,完整02位A / D转换器(完备2位的A / D转换器) Very Fast,Complete 10-or 12-Bit A/D Converters(完备0位A/D转换 速度非常快,完整02位A / D转换器(完备0位的A / D转换器) 0-20V; very fast, complete 12-bit A/D converter
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
PI74FCT16827T PI74FCT16827ET PI74FCT162827AT PI74F |
Fast CMOS 20-Bit Buffers
|
PERICOM[Pericom Semiconductor Corporation] Pericom Technology
|